Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 11 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
20480150.001 MX-COM
 1996
Page 11
Figure 3: Testing at different supply voltages
Measuring supply current at different supply voltages in the configuration shown in Figure 3
would result in a typical graph as shown in Figure 4.
CTCSS tone @
67Hz, 100mvrms
1KHz sine wave @
300mvrms
CTCSS tone
generator
Audio signal
generator
1K
1K
DB1065, J2 RXIN
GND, J13 on
DB1065
Variable
Power
Supply
Ground J5, PTL on
DB1065
0 to +6VDC to J1,
B+ on DB1065
GND, J13 on
DB1065
DB1065 +5 and Gnd
connections
Oscilloscope
J6 RXOUT audio from
DB1065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com