Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 18 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits DB1065 Datasheet HTML 17Page - CML Microcircuits DB1065 Datasheet HTML 18Page - CML Microcircuits DB1065 Datasheet HTML 19Page - CML Microcircuits DB1065 Datasheet HTML 20Page - CML Microcircuits DB1065 Datasheet HTML 21Page - CML Microcircuits DB1065 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
20480150.001 MX-COM
 1996
Page 18
Make sure the power supplies used are sufficiently noise free. Also make sure there are no
unintended noise sources radiating into the test setup.
7.2 If you still need help
If you have read this section, reexamined your test setup, and still cannot figure out what is
wrong, please contact us for additional assistance. Please be ready to describe the problem or
symptoms and the steps you have taken to try to correct them. We can be reached at
MX-COM, Inc.
4800 Bethania Station Rd.
Winston-Salem, NC 27105-1201

telephone (910) 744-5050

telephone (800) 638-5577

fax (910) 744-5054
8. Retrofitting from older designs
The following is a brief list of differences between older generation MX-COM CTCSS
encoder/decoders and the MX465. For full details refer to each device’s individual data sheets.
8.1 Comparison Specifications
MX365
MX365A
MX165A
MX165B
MX165C
MX465
CTCSS
TONES
38 + No tone
37 = EIA 220
A
plus 97.4Hz
39 + No Tone
37 = EIA 220
B
plus 69.3Hz
& 97.4Hz
39 + No Tone
37 = EIA 220
B
plus 69.3Hz &
97.4Hz
39 + No Tone
39= TIA/EIA
603
47 + No Tone
39 = TIA/EIA
603 plus
159.8Hz,
183.5Hz,
189.9Hz,
196.6Hz,
199.5Hz,
206.5Hz,
229.1Hz,
254.1Hz
47 + No Tone
39 = TIA/EIA
603 plus
159.8Hz,
183.5Hz,
189.9Hz,
196.6Hz,
199.5Hz,
206.5Hz,
229.1Hz,
254.1Hz
Supply
Voltage
Min: 4.5V
Typ: 5.0V
Max: 5.5V
Min: 4.5V
Typ: 5.0V
Max: 5.5V
Min : 3.0V
Typ: 3.75V
Max: 4.5V
Min: 3.0V
Typ: 3.75V
Max: 4.5V
Min: 2.75V
Typ:
3.75/5.0V
Max: 5.5V
Min: 2.75V
Typ:
3.75/5.0V
Max: 5.5V
0dB ref
300mVrms
308mVrms
100mVrms
100mVrms
750mVrms
750mVrms
Composite
Signal
0dB 1kHz test
tone, -12dB
noise (band
limited 6kHz
gaussian
white noise), -
20dB f0
CTCSS tone.
0dB 1kHz test
tone, -12dB
noise (band
limited 6kHz
gaussian
white noise), -
20dB f0
CTCSS tone.
0dB 1kHz test
tone, -12dB
noise (band
limited 6kHz
gaussian
white noise), -
20dB f0
CTCSS tone.
1kHz test
tone at
300mVrms,
75mVrms
noise (band
limited 6kHz
gaussian
white noise),
30mVrms
CTCSS tone.
0dB 1kHz test
tone, -12dB
noise (band
limited 6kHz
gaussian
white noise), -
20dB f0
CTCSS tone.
0dB 1kHz test
tone, -12dB
noise (band
limited 6kHz
gaussian
white noise), -
20dB f0
CTCSS tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com