Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 16 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits DB1065 Datasheet HTML 17Page - CML Microcircuits DB1065 Datasheet HTML 18Page - CML Microcircuits DB1065 Datasheet HTML 19Page - CML Microcircuits DB1065 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
20480150.001 MX-COM
 1996
Page 16
6. Logic Table for operation
6.1 I/O Conditions
Input Pin Condition
Output Pin
Condition
Result/Function
D0-D5
PTT
PTL
CTCSS
Tone in
DECODE
MONIT R
0
Tone
Transmitter
Enabled
TX Audio
Path
Enabled
Tone
Decoder
Enabled
RX Audio
Path
Enabled
Notes
Tone
0
0
X
0
1
Yes
Yes
No
No (bias)
1
No Tone
0
X
X
0
1
No (bias)
Yes
No
No (bias)
2
Tone
1
0
No
0
1
No (bias)
No
Yes
No (bias)
3a
Tone
1
1
No
0
1
No (bias)
No
Yes
Yes
3b
Tone
1
X
Yes
o/c
0
No (bias)
No
Yes
Yes
4
No Tone
1
X
X
o/c
0
No (bias)
No
Yes
Yes
5
Table 3: Combinations of input/output conditions
Notes: o/c = Open circuit
X = don’t care
1.
Normal tone transmit condition.
2.
Notone programmed in TX mode, tone transmit O/P set to VDD/2. TX audio path enabled.
3a.
Normal decode standby.
3b.
Normal decode standby with PTL used to enable audio.
4.
Normal decode of correct CTCSS tone condition, PTL has no effect.
5.
Notone programmed in RX mode, tone transmit O/P (o/c). RX audio path enabled.
6.2 CTCSS Programming
Tone
Programming Inputs, Switch (Solder Jumper)
Nominal
Frequency (Hz)
MX465
Frequency (Hz)
 f0 (%)
D5
(E6)
D4
(E5)
D3
(E4)
D2
(E3)
D1
(E2)
D0
(E1)
Hex
67.0
66.98
-0.029
111111
3F
69.3
69.32
0.024
111001
39
71.9
71.901
0.001
011111
1F
74.4
74.431
0.042
111110
3E
77.0
76.965
-0.046
001111
0F
79.7
79.677
-0.029
111101
3D
82.5
82.483
-0.021
011110
1E
85.4
85.383
-0.020
111100
3C
88.5
88.494
-0.007
001110
0E
91.5
91.456
-0.048
111011
3B
94.8
94.76
-0.042
011101
1D
97.4
97.435
-0.036
111010
3A
100.0
99.96
-0.040
001101
0D
103.5
103.429
-0.069
011100
1C
107.2
107.147
-0.05
001100
0C
110.9
110.954
0.049
011011
1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com