Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 15 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits DB1065 Datasheet HTML 17Page - CML Microcircuits DB1065 Datasheet HTML 18Page - CML Microcircuits DB1065 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
20480150.001 MX-COM
 1996
Page 15
Name
Ref.
Desg.
Description
+B
J1
This is the positive supply pin usually connected to +12VDC.
RXIN
J2
This is the input to the audio band pass filter in RX mode.
TXIN
J3
This is the TX Audio Input pin. In the TX mode it may be pre-filtered, using the
TX audio path, Thus helping to avoid talkoff due to intermodulation of low
frequency speech components with the transmitted CTCSS tone.
TXOUT
J4
This is the band pass filtered transmit audio output pin. In TX mode the pin
outputs audio present at the TX audio input pin.
PTL
J5
In RX mode this pin operates as a "Push To Listen" function by enabling the RX
audio path, thus overriding the tone squelch function. Tying PTL to ground will
inhibite audio through the RX audio path till a CTCSS tone is decoded or “No
Tone” is selected on D0-D5
RXOUT
J6
This is the band pass filtered receive audio output pin. This pin outputs audio
when RX tone DECODE is true or PTL is true or when Notone is programmed.
PTT
J7
Logic level input pulled low to enable transmitt mode.
TONEOUT
J8
The CTCSS sine wave output appears on this pin under control of the PTT
input. The level is adjusted using R3.
CARRIER
SENSE
J9
Input that can be connected to the radios carrier sense logic to enable the
CTCSS decoder only when a carrier is present.
DECODE
J10
This is an open collector output used to mute the RX audio path or control
squelch circuitry in a system. It provides a path to ground when a CTCSS tone is
not present and is open collector when a CTCSS tone is detected.
MONIT R
0
J11
This pin will have a +5VDC output till a CTCSS tone is detected. Alternatively
this pin can be used to disable the open collector DECODE output pin and can
be connected to a system’s "Push To Listen", or MONIT R
0
function.
+5V
J12
This pin is an alternative supply pin that can be connected to an external DC
supply to evaluate performance of the MX465 at supply voltages below 7.0 VDC.
GND
J13
Connection to ground.
SERIAL DATA
J14
In serial operation, Data to control the MX465 is clocked in on this logic input.
Refer to the MX465’s data sheet for operation.
SERIAL CLOCK
J15
Control data is clocked into the MX465 based on the rising and falling edge of
this logic input.
LOAD LATCH
J16
Data is either in the process of loading into the MX465 control registers or is
latched into the MX465’s internal registers using this logic input pin.
Table 2: Connector Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com