Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 12 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
20480150.001 MX-COM
 1996
Page 12
Figure 4: Supply Voltage Vs Typical Supply Current
Other performance characteristics may be measured and plotted in a similar manner. Please
refer to the MX465’s specifications in section 2, Electrical Performance, on page 3 regarding
maximum and minimum operating limits each device is tested to meet. Section 2’s information is
used by the designer in regard to designing a circuit using the MX465 based on a device’s
electrical properties.
4.6 Connecting the DB1065 to a system
The DB1065 may be connected to a radio system by connecting wires to the terminal strips or the
DB1065’s smaller circuit may be broken out of the development board.
Refer to Figure 5: Breaking Out Small Circuit, on Page 13. Before snapping the smaller circuit
out the traces on the snap lines must be cut by carefully breaking off the three tabs containing the
terminal strips and dip switch. Try and avoid bending or flexing the smaller circuit as the surface
mount components are damaged easily. A set of tin snips can be also be used to cut out the
smaller board and trim up the excess or rough edge left on the smaller board.
Holes for soldering wires have been provided around the edge of the smaller inside circuit. Refer
to Figure 8: Component view Assembly Drawing, to connect wires appropriately. Solder jumpers
in the smaller circuit, E1 through E6, provide a method to select one CTCSS tone for operation.
Refer to Figure 9: Solder View Assembly Drawing, for reference to solder jumpers.
DB1065 / MX465 Vdd VS Typical Supply Current
0
1
2
3
4
5
6
7
8
9
10
11
12
0123
4567
Vdd applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com