Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1065 Datasheet(PDF) 14 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits DB1065 Datasheet HTML 15Page - CML Microcircuits DB1065 Datasheet HTML 16Page - CML Microcircuits DB1065 Datasheet HTML 17Page - CML Microcircuits DB1065 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
20480150.001 MX-COM
 1996
Page 14
5. Hardware
5.1 Introduction
This section describes the PCB hardware and its adjustment.
5.2 Description
5.2.1 Functional Layout of Circuitry
The block diagram of the MX465 shown below shows internal connections to the MX465. Refer
to Figure 7: DB1065 Schematic, on page 20 for external circuitry on the DB1065 circuit board.
5.2.2 Connectors
Clamping connectors are distributed around the perimeter of the DB1065 motherboard as shown
in Figure 8: Component view Assembly Drawing, on page 21. Silk-screen labels are provided on
the motherboard to identify the connections listed in Error! Reference source not found.. Refer
to Figure 7: DB1065 Schematic, on page 20 in reference to the electrical connections to the
MX465.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com