Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 67Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 68Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 69Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 70Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 71Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 72Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 73Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 74Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
STM8L101xx
Package characteristics
Doc ID 15275 Rev 11
71/81
Figure 43.
UFQFPN20 3 x 3 mm 0.6 mm package
outline (1)
Figure 44.
UFQFPN20 recommended
footprint (1)(2)
1.
Drawing is not to scale
2.
Dimensions are in millimeters
11
15
16
20
1
5
D
e
b
e
E
A1
A
ddd
A0A5_ME
L2
10
L1
A3
L3
L4
Table 42.
UFQFPN20 3 x 3 mm 0.6 mm mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
D
2.900
3.000
3.100
0.1181
E
2.900
3.000
3.100
0.1181
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0
0.020
0.050
0
0.0008
0.002
A3
0.152
0.006
e
0.500
0.0197
L1
0.500
0.550
0.600
0.0197
0.0217
0.0236
L2
0.300
0.350
0.400
0.0118
0.0138
0.0157
L3
0.150
0.0059
L4
0.200
0.0079
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
ddd
0.050
0.002
1.
Values in inches are rounded to 4 decimal digits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com