Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 40Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 41Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 42Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 43Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 44Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 45Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 46Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 47Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
Electrical parameters
STM8L101xx
44/81
Doc ID 15275 Rev 11
Figure 15.
Typ. IDD(Halt) vs. VDD, fCPU = 2 MHz and 16 MHz
1.
Typical current consumption measured with code executed from Flash.
Table 20.
Total current consumption and timing in Halt and Active-halt mode at
VDD = 1.65 V to 3.6 V
(1)(2)
1.
TA = -40 to 125 °C, no floating I/O, unless otherwise specified.
2.
Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(AH)
Supply current in Active-halt
mode
LSI RC osc.
(at 37 kHz)
TA = -40 °C to 25 °C 0.8
2
μA
TA = 55 °C
1
2.5
μA
TA = 85 °C
1.4
3.2
μA
TA = 105 °C
2.9
7.5
μA
TA = 125 °C
5.8
13
μA
IDD(WUFAH)
Supply current during
wakeup time from Active-halt
mode
2-
mA
tWU(AH)
(3)
3.
Measured from interrupt event to interrupt vector fetch.
To get tWU for another CPU frequency use tWU(FREQ) = tWU(16 MHz) + 1.5 (TFREQ-T16 MHz).
The first word of interrupt routine is fetched 5 CPU cycles after tWU.
Wakeup time from Active-
halt mode to Run mode
fCPU= 16 MHz
4
6.5
μs
IDD(Halt)
Supply current in Halt mode
TA = -40 °C to 25 °C
0.35
1.2(4)
μA
TA = 55 °C
0.6
1.8
μA
TA = 85 °C
1
2.5(4)
4.
Data guaranteed, each individual device tested in production.
μA
TA = 105 °C
2.5
6.5
μA
TA = 125 °C
5.4
12(4)
μA
IDD(WUFH)
Supply current during
wakeup time from Halt mode
2-
mA
tWU(Halt)
(3)
Wakeup time from Halt mode
to Run mode
fCPU = 16 MHz
4
6.5
μs
ai17014b
0
1
2
3
4
5
6
7
1.6
2.1
2.6
3.1
3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com