Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 7Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 8Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 9Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 10Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 11Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 12Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 13Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 14Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
STM8L101xx
Product overview
Doc ID 15275 Rev 11
11/81
3.5
Memory
The STM8L101xx devices have the following main features:
●
1.5 Kbytes of RAM
●
The EEPROM is divided into two memory arrays (see the STM8L reference manual for
details on the memory mapping):
–
Up to 8 Kbytes of low-density embedded Flash program including up to 2 Kbytes
of data EEPROM. Data EEPROM and Flash program areas can be write protected
independently by using the memory access security mechanism (MASS).
–
64 option bytes (one block) of which 5 bytes are already used for the device.
Error correction code is implemented on the EEPROM.
3.6
Low power modes
To minimize power consumption, the product features three low power modes:
●
Wait mode: CPU clock stopped, selected peripherals at full clock speed.
●
Active-halt mode: CPU and peripheral clocks are stopped. The programmable wakeup
time is controlled by the AWU unit.
●
Halt mode: CPU and peripheral clocks are stopped, the device remains powered on.
Wakeup is triggered by an external interrupt.
3.7
Voltage regulators
The STM8L101xx embeds an internal voltage regulator for generating the 1.8 V power
supply for the core and peripherals.
This regulator has two different modes: main voltage regulator mode (MVR) and low power
voltage regulator mode (LPVR). When entering Halt or Active-halt modes, the system
automatically switches from the MVR to the LPVR in order to reduce current consumption.
3.8
Clock control
The STM8L101xx embeds a robust clock controller. It is used to distribute the system clock
to the core and the peripherals and to manage clock gating for low power modes. This
system clock is a 16-MHz High Speed Internal RC oscillator (HSI RC), followed by a
programmable prescaler.
In addition, a 38 kHz low speed internal RC oscillator is used by the independent watchdog
(IWDG) and Auto-wakeup unit (AWU).
3.9
Independent watchdog
The independent watchdog (IWDG) peripheral can be used to resolve processor
malfunctions due to hardware or software failures.
It is clocked by the 38 kHZ LSI internal RC clock source, and thus stays active even in case
of a CPU clock failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com