Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 30Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 31Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 32Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 33Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 34Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 35Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 36Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 37Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
Option bytes
STM8L101xx
34/81
Doc ID 15275 Rev 11
7
Option bytes
Option bytes contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated row of the memory.
All option bytes can be modified only in ICP mode (with SWIM) by accessing the EEPROM
address. See Table 10 for details on option byte addresses.
Refer to the STM8L Flash programming manual (PM0054) and STM8 SWIM and Debug
Manual (UM0320) for information on SWIM programming procedures.
Table 10.
Option bytes
Addr.
Option name
Option
byte
No.
Option bits
Factory
default
setting
76
54
3
2
1
0
0x4800
Read-out
protection
(ROP)
OPT1
ROP[7:0]
0x00
0x4807
-
-
Must be programmed to 0x00
0x00
0x4802
UBC (User
Boot code size)
OPT2
UBC[7:0]
0x00
0x4803
DATASIZE
OPT3
DATASIZE[7:0]
0x00
0x4808
Independent
watchdog
option
OPT4
[1:0]
Reserved
IWDG
_HALT
IWDG
_HW
0x00
Table 11.
Option byte description
OPT1
ROP[7:0] Memory readout protection (ROP)
0xAA: Enable readout protection (write access via SWIM protocol)
Refer to Read-out protection section in the STM8L reference manual
(RM0013) for details.
OPT2
UBC[7:0] Size of the user boot code area
0x00: no UBC
0x01-0x02: UBC contains only the interrupt vectors.
0x03: Page 0 and 1 reserved for the interrupt vectors. Page 2 is available to
store user boot code. Memory is write protected
...
0x7F - Page 0 to 126 reserved for UBC, memory is write protected
Refer to User boot area (UBC) section in the STM8L reference manual
(RM0013) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com