Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 36Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 37Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 38Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 39Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 40Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 41Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 42Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 43Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
Electrical parameters
STM8L101xx
40/81
Doc ID 15275 Rev 11
9.3
Operating conditions
Subject to general operating conditions for VDD and TA.
9.3.1
General operating conditions
Table 16.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fMASTER
(1)
Master clock frequency
1.65 V
≤VDD < 3.6 V
2
16
MHz
VDD
Standard operating voltage
1.65
3.6
V
PD
(2)
Power dissipation at TA= 85 °C
for suffix 6 devices
LQFP32
-
288
mW
UFQFPN32
-
288
UFQFPN28
-
250
TSSOP20
-
181
UFQFPN20
-
196
Power dissipation at TA= 125 °C
for suffix 3 devices
LQFP32
-
83
UFQFPN32
-
185
UFQFPN28
-
62
TSSOP20
-
45
UFQFPN20
-
49
TA
Temperature range
1.65 V
≤VDD < 3.6 V
(6 suffix version)
−40
85
°C
1.65 V
≤VDD < 3.6 V
(3 suffix version)
−40
125
TJ
Junction temperature range
-40 °C
≤TA ≤85 °C
(6 suffix version)
- 40
105
°C
-40 °C
≤TA ≤125 °C
(3 suffix version)
−40
130
°C
1.
fMASTER = fCPU
2.
To calculate PDmax(TA) use the formula given in thermal characteristics PDmax=(TJmax -TA)/
Θ
JA with TJmax in this table and
Θ
JA in table “Thermal characteristics”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com