Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3U6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8L101F3U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3U6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8L101F3U6 Datasheet HTML 18Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 19Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 20Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 21Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 22Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 23Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 24Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 25Page - STMicroelectronics STM8L101F3U6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
Pin description
STM8L101xx
22/81
Doc ID 15275 Rev 11
Warning:
For the STM8L101F1U6ATR, STM8L101F2U6ATR,
STM8L101F3U6ATR, STM8L101G2U6ATR and
STM8L101G3U6ATR part numbers (devices with COMP_REF
pin), all ports available on 32-pin packages must be
considered as active ports. To avoid spurious effects, you
have to configure them as input pull-up. A small increase in
consumption (typ. < 300 µA) may occur during the power up
and reset phase until these ports are properly configured.
-
-
-
2727 31PC6
I/O X
XX
HS
X
X
Port C6
20 20 3
28 28 32
PA0(5)/SWIM/
BEEP/IR_TIM (6)
I/O X
X(5) XHS(6) XX
Port A0
SWIM input and out-
put /Beep out-
put/Timer Infrared
output
1.
Please refer to the warning below.
2.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L101xx reference manual (RM0013).
3.
A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
4.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented).
5.
The PA0 pin is in input pull-up during the reset phase and after reset release.
6.
High sink LED driver capability available on PA0.
Table 4.
STM8L101xx pin description (continued)
Pin number
Pin name
Input
Output
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com