Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 103Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 104Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 105Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 106Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 107Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 108Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 109Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 110Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 107 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
Figure 5.34
Timing Diagram
Read timing
Write timing
BCLK
CSi
ALE
DBi
ADi
BHE
WR, WRL
WRH
BCLK
CSi
ALE
DBi
ADi
BHE
RD
tcyc
td(BCLK-CS)
30ns(max.)
Hi-Z
tsu(DB-RD)
Hi-Z
V
= V
= 3V
CC1
CC2
Memory Expansion Mode and Microprocessor Mode
(in wait state setting 2
φ + 3 φ, 2 φ + 4 φ, 3φ + 4 φ, and 4 φ + 5 φ, and
when inserting 1 to 3 recovery cycles inserted and accessing external area)
n: 3 (when 2
φ + 3 φ)
4 (when 2
φ + 4 φ or 3 φ + 4 φ)
5 (when 4
φ + 5 φ)
th(BCLK-CS)
0ns(min.)
td(BCLK-AD)
30ns(max.)
th(BCLK-AD)
0ns(min.)
td(BCLK-ALE)
25ns(max.)
th(BCLK-ALE)
-4ns(min.)
td(BCLK-RD)
30ns(max.)
th(BCLK-RD)
0ns(min.)
th(RD-DB)
0ns(min.)
tcyc
td(BCLK-CS)
30ns(max.)
td(BCLK-AD)
30ns(max.)
th(BCLK-ALE)
-4ns(min.)
td(BCLK-ALE)
25ns(max.)
td(BCLK-WR)
30ns(max.)
td(BCLK-DB)
40ns(max.)
th(BCLK-CS)
0ns(min.)
th(BCLK-AD)
0ns(min.)
th(WR-AD)
(m × t
-15)ns(min.)
cyc
th(BCLK-WR)
0ns(min.)
th(WR-DB)
(m × t
-25)ns(min.)
cyc
(n × t
-60)ns(max.)
cyc
tac4(RD-DB)
(n × t
-40)ns(min.)
cyc
td(DB-WR)
tcyc =
1
f(BCLK)
m: 1 (when 1 recovery cycle inserted )
2 (when 2 recovery cycles inserted)
3 (when 3 recovery cycles inserted)
Measuring conditions
V
= V
= 3V
CC1
CC2
Input timing voltage: V = 0.6 V, V
= 2.4 V
IL
IH
Output timing voltage: V
= 1.5 V, V
= 1.5 V
OL
OH
th(RD-AD)
(m × t
+0)ns(min.)
cyc
60ns(min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com