Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 104Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 105Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 106Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 107Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 108Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 109Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 110Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 111Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 112Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 108 of 109
Feb 07, 2011
M16C/65C Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
The information on the latest package dimensions or packaging may be obtained from “Packages” on the
Renesas Electronics website.
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
DetailF
L1
L
Index mark
y
x
F
1
38
39
64
65
102
103
128
*1
*3
ZD
D
HD
bp
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.10
e
0.5
c
0°
8°
x
L
0.35
0.5
0.65
0.05 0.125 0.2
A
1.7
15.8
16.0
16.2
21.8
22.0
22.2
A2
1.4
E
13.9
14.0
14.1
D
19.9
20.0
20.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.17
0.22
0.27
0.09 0.145 0.20
0.10
0.75
0.75
0.20
0.125
1.0
P-LQFP128-14x20-0.50
0.9g
MASS[Typ.]
128P6Q-A
PLQP0128KB-A
RENESAS Code
JEITA Package Code
Previous Code
Terminal cross section
bp
b1
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com