Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 104Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 105Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 106Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 107Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 108Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 109Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 110Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 111Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 112Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
A - 1
REVISION HISTORY
M16C/65C Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Oct 29, 2010
-
First Edition issued.
1.00
Feb 07, 2011
Overall
Changed terminologies are as follows:
• “oscillation/oscillator circuit” to “oscillator”
• “oscillator” to “a crystal/ceramic resonator”
• “oscillator manufacturer” to “manufacturer of crystal/ceramic resonator”
• “on-chip oscillator oscillation circuit” to “on-chip oscillator”
Overview
3, 5
Table 1.2 Specifications for the 128-Pin Package (2/2), Table 1.4 Specifications for the 100-Pin
Package (2/2): Changed the Description column of the Current Consumption row.
6
Table 1.5 Product List (N-Version), Table 1.6 Product List (D-Version): Changed the development
status.
Electrical Characteristics
VCC = 5 V
64, 65
Table 5.20 Electrical Characteristics (3), Table 5.21 Electrical Characteristics (4):
Added conditions with XIN is 6MHz to the Wait mode measuring condition.
74, 77, 79,
81, 83
In Switching Characteristics (Memory Expansion Mode and Microprocessor Mode),
Table 5.36, Table 5.37, Table 5.38, Table 5.39, Table 5.40:
• Deleted the th(BCLK-DB) row.
• Changed the formula of th(WR-DB) for minimum standard.
76, 78, 80,
82, 84
Figure 5.15, Figure 5.16, Figure 5.17, Figure 5.18, Figure 5.19:
Deleted the description of th(BCLK-DB), and changed the formula of th(WR-DB) in the Write
timing.
VCC = 3 V
86, 87
Table 5.42 Electrical Characteristics (2), Table 5.43 Electrical Characteristics (3) (1/2):
Added conditions with XIN is 6MHz to the Wait mode measuring condition.
95, 97,
100, 102,
104
In Switching Characteristics (Memory Expansion Mode and Microprocessor Mode),
Table 5.58, Table 5.59, Table 5.60, Table 5.61, Table 5.62:
• Deleted the th(BCLK-DB) row.
• Changed the formula of th(WR-AD) for minimum standard.
• Changed the formula of th(WR-DB) for minimum standard.
99, 101,
103, 105,
107
Figure 5.30, Figure 5.31, Figure 5.32, Figure 5.33, Figure 5.34:
• Deleted the description of th(BCLK-DB), and changed the formulas of th(WR-AD) and
th(WR-DB) in the Write timing.
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com