Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869F Datasheet(PDF) 79 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 79 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 75Page - Feature Integration Technology Inc. F71869F Datasheet HTML 76Page - Feature Integration Technology Inc. F71869F Datasheet HTML 77Page - Feature Integration Technology Inc. F71869F Datasheet HTML 78Page - Feature Integration Technology Inc. F71869F Datasheet HTML 79Page - Feature Integration Technology Inc. F71869F Datasheet HTML 80Page - Feature Integration Technology Inc. F71869F Datasheet HTML 81Page - Feature Integration Technology Inc. F71869F Datasheet HTML 82Page - Feature Integration Technology Inc. F71869F Datasheet HTML 83Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
78
F71869
6.6.61 VT3 BOUNDARY 2 TEMPERATURE – Index C9h
Bit
Name
R/W Default
Description
7-0
BOUND2TMP3
R/W
1Eh
(30
oC)
The second boundary temperature for VT3 in temperature mode.
When VT3 temperature exceeds this boundary, FAN3 expect value
will load from segment 2 register (index CB)h.
When VT3 temperature is under this boundary – hysteresis, FAN3
expect value will load from segment 3 register (index CBh).
This byte is a 2’s complement value ranging from -128’C ~ 127’C.
6.6.62 FAN3 SEGMENT 1 SPEED COUNT – Index CAh
Bit
Name
R/W Default
Description
7-0
SEC1SPEED3
R/W
FFh
(100%)
The meaning of this register is depending on the FAN3_MODE(CR96)
2’b00:
The value that set in this byte is the relative expect fan speed
% of the full speed in this temperature section.
Ex:
100%:full speed: User must set this register to 0.
60% full speed: (100-60)*32/60, so user must program 21 to this reg.
X% full speed: The value programming in this byte is
(100-X)*32/X
2’b01:
The value that set in this byte is mean the expect PWM
duty-cycle in this temperature section.
6.6.63 FAN3 SEGMENT 2 SPEED COUNT – Index CBh
Bit
Name
R/W Default
Description
7-0
SEC2SPEED3
R/W
D9h
(85%)
The meaning of this register is depending on the FAN3_MODE(CR96)
2’b00:
The value that set in this byte is the relative expect fan speed
% of the full speed in this temperature section.
2’b01:
The value that set in this byte is mean the expect PWM
duty-cycle in this temperature section.
6.6.64 FAN3 SEGMENT 3 SPEED COUNT – Index CEh
Bit
Name
R/W Default
Description
7-0
SEC3SPEED3
R/W
80h
(50%)
The meaning of this register is depending on the FAN3_MODE(CR96)
2’b00:
The value that set in this byte is the relative expect fan speed
% of the full speed in this temperature section.
2’b01:
The value that set in this byte is mean the expect PWM
duty-cycle in this temperature section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com