Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869F Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 9Page - Feature Integration Technology Inc. F71869F Datasheet HTML 10Page - Feature Integration Technology Inc. F71869F Datasheet HTML 11Page - Feature Integration Technology Inc. F71869F Datasheet HTML 12Page - Feature Integration Technology Inc. F71869F Datasheet HTML 13Page - Feature Integration Technology Inc. F71869F Datasheet HTML 14Page - Feature Integration Technology Inc. F71869F Datasheet HTML 15Page - Feature Integration Technology Inc. F71869F Datasheet HTML 16Page - Feature Integration Technology Inc. F71869F Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
12
F71869
power on strapping.
The function is selected by register setting.
GPIO24
I/OOD8st5v
Default General Purpose IO.
2
RTS2#
O8t5v-u47k
VCC
.UART 2 Request To Send. An active low signal informs the
modem or data set that the controller is ready to send data.
Internal 47k ohms pulled high and disable after power on
strapping. The function is selected by register setting.
GPIO25
I/OOD8st5v
Default General Purpose IO.
3
DSR2#
INst5v
VCC
Data Set Ready. An active low signal indicates the modem
or data set is ready to establish a communication link and
transfer data to the UART. The function is selected by register
setting.
GPIO26
I/OOD8st5v
Default General Purpose IO.
5
SOUT2
O8t5v-u47k
VCC
UART 2 Serial Output. Used to transmit serial data out to the
communication link. Internal 47k ohms pulled high and
disable after power on strapping. The function is selected by
register setting.
GPIO27
I/OOD8st5v
Default General Purpose IO.
6
SIN2
INst5v
VCC
Serial Input.
Used to receive serial data through th e
communication link. The function is selected by register
setting.
4.5
Parallel Port
Pin No.
Pin Name
Type
PWR
Description
100
SLCT
INst5v
VCC
An active high input on this pin indicates that the printer is
selected. Refer to the description of the parallel port for
definition of this pin in ECP and EPP mode.
101
PE
INst5v
VCC
An active high input on this pin indicates that the printer has
detected the end of the paper. Refer to the description of the
parallel port for the definition of this pin in ECP and EPP
mode.
102
BUSY
INst5v
VCC
An active high input indicates that the printer is not ready to
receive data. Refer to the description of the parallel port for
definition of this pin in ECP and EPP mode.
103
ACK#
INst5v
VCC
An active low input on this pin indicates that the printer has
received data and is ready to accept more data. Refer to the
description of the parallel port for the definition of this pin in
ECP and EPP mode.
104
SLIN#
I/OOD12st5v
VCC
Output line for detection of printer selection. Refer to the
description of the parallel port for the definition of this pin in
ECP and EPP mode.
105
INIT#
I/OOD12st5v
VCC
Output line for the printer initialization. Refer to the
description of the parallel port for the definition of this pin in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com