Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869F Datasheet(PDF) 39 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 35Page - Feature Integration Technology Inc. F71869F Datasheet HTML 36Page - Feature Integration Technology Inc. F71869F Datasheet HTML 37Page - Feature Integration Technology Inc. F71869F Datasheet HTML 38Page - Feature Integration Technology Inc. F71869F Datasheet HTML 39Page - Feature Integration Technology Inc. F71869F Datasheet HTML 40Page - Feature Integration Technology Inc. F71869F Datasheet HTML 41Page - Feature Integration Technology Inc. F71869F Datasheet HTML 42Page - Feature Integration Technology Inc. F71869F Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
38
F71869
61
Base Address Low Register
0
0
0
0
0
0
0
0
F0
Watchdog Timer Enable Register
-
-
-
-
-
-
-
1
F2
BUS Manual Register
0
0
0
0
0
0
0
0
F3
Key Data Register
0
0
0
0
0
0
0
0
F4
BUSIN Status Register
-
-
-
-
-
-
-
-
F5
WDT Unit Select Register
-
0
-
0
0
0
0
0
F6
WDT Count Register
0
0
0
0
1
0
1
0
F7
Watchdog Timer PME Register
0
0
0
-
-
-
-
0
PME and ACPI Device Configuration Registers (LDN CR0A)
Register
0x[HEX]
Register Name
Default Value
MSB
LSB
30
PME Device Enable Register
-
-
-
-
-
-
-
0
F0
PME Event Enable Register 1
-
0
0
0
0
0
0
0
F1
PME Event Enable Register 2
-
-
-
-
-
0
0
0
F2
PME Event Status Register 1
-
-
-
-
-
-
-
-
F3
PME Event Status Register 2
-
-
-
-
-
-
-
-
F4
Keep Last State Select Register
0
0
0
0
0
1
1
0
F5
VDDOK Delay Select Register
0
0
0
1
1
1
0
0
F6
PCIRST Control Register
0
0
-
1
1
1
1
1
F7
Power Sequence Control Register
1
0
0
0
0
1
1
0
F8
LED VCC Control Register
-
-
0
0
0
0
0
0
F9
LED VSB Control Register
-
-
0
0
0
0
0
0
FE
RI De-bounce Select Register
-
-
0
0
0
0
0
0
FF
ACPI Test Mode Register
0
0
0
0
0
0
0
0
6.1
Global Control Registers
6.1.1 Software Reset Register
⎯ Index 02h
Bit
Name
R/W Default
Description
7-1
Reserved
-
-
Reserved
0
SOFT_RST
R/W
0
Write 1 to reset the register and device powered by VDD ( VCC ).
6.1.2 Logic Device Number Register (LDN)
⎯ Index 07h
Bit
Name
R/W Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com