Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869F Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 17Page - Feature Integration Technology Inc. F71869F Datasheet HTML 18Page - Feature Integration Technology Inc. F71869F Datasheet HTML 19Page - Feature Integration Technology Inc. F71869F Datasheet HTML 20Page - Feature Integration Technology Inc. F71869F Datasheet HTML 21Page - Feature Integration Technology Inc. F71869F Datasheet HTML 22Page - Feature Integration Technology Inc. F71869F Datasheet HTML 23Page - Feature Integration Technology Inc. F71869F Datasheet HTML 24Page - Feature Integration Technology Inc. F71869F Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
20
F71869
127°C
1111 1111
Open
1000 0000
5.2.2 Monitor Temperature from “Thermistor”
The F71869 can connect three thermistors to measure environment temperature or remote
temperature. The specification of thermistor should be considered to (1)
β value is 3435K (2) resistor
value is 10K ohm at 25
°C. In the Figure 2, the thermistor is connected by a serial resistor with 10K ohm,
then being connected to VREF.
5.2.3 Monitor Temperature from “Thermal diode”
Also, if the CPU, GPU or external circuits provide thermal diode for temperature measurement, the
F71869 is capable to these situations. The build-in reference table is for PNP 2N3906 transistor. In the
Figure 2, the transistor is directly connected into temperature pins.
5.2.4 ADC Noise Filtering
The ADC is integrating type with inherently good noise rejection. Micro-power operation places
constraints on high-frequency noise rejection; therefore, careful PCB board layout and suitable
external filtering are required for high-accuracy remote measurement in electronically noisy
environment. High frequency EMI is best filtered at D+ and D- with an external 2200pF capacitor. Too
high capacitance may introduce errors due to the rise time of the switched current source. Nearly all
noise sources tested cause the ADC measurement to be higher than the actual temperature,
depending on the frequency and amplitude.
5.2.5 Monitor Temperature from “SMBus device”
F71869 provides SMBus block read/write compatible Platform Control Hub (PCH) EC SMBus
protocol, and provides byte read/write protocol to read CPU and chipset thermal temperature
information. For byte read /write protocol, F71869 supports 4-suit device address to read or write
from device information. For block read/write, F71869 support 1 suits device address and maximum 17
byte count for read protocol to read from device information, and 4 byte count for write protocol to write
information to device.
5.2.6 Monitor Temperature from “PECI”
F71869 support Intel PECI1.1/PECI_Request/PECI_Available interfaces to read temperature from
PECI 1.1 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com