Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869F Datasheet(PDF) 86 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 86 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 82Page - Feature Integration Technology Inc. F71869F Datasheet HTML 83Page - Feature Integration Technology Inc. F71869F Datasheet HTML 84Page - Feature Integration Technology Inc. F71869F Datasheet HTML 85Page - Feature Integration Technology Inc. F71869F Datasheet HTML 86Page - Feature Integration Technology Inc. F71869F Datasheet HTML 87Page - Feature Integration Technology Inc. F71869F Datasheet HTML 88Page - Feature Integration Technology Inc. F71869F Datasheet HTML 89Page - Feature Integration Technology Inc. F71869F Datasheet HTML 90Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
85
F71869
Bit
Name
R/W Default
Description
7-4 Reserved
-
-
Reserved.
3-0 SELMIRQ
R/W
Ch
Select the IRQ channel for PS/2 mouse interrupt.
6.7.6
Auto Swap Register
⎯ Index FEh (Powered by VBAT)
Bit
Name
R/W Default
Description
7
AUTO_DET_EN
R/W
1b
0: disable auto detect keyboard/mouse swap.
1: enable auto detect keyboard/mouse swap.
6-5
Reserved
-
-
Reserved.
4
KB_MO_SWAP
R/W
0b
0: Keyboard/mouse not swap.
1: Keyboard/mouse swap.
This bit is set/clear by hardware if AUTO_DET_EN is set to “1”. Users
could also program this bit manually.
3-0
Reserved
-
1h
Reserved
6.8
GPIO Registers (CR06)
6.8.1 GPIO Device Enable Register
⎯ Index 30h
Bit
Name
R/W Default
Description
7-1
Reserved
-
-
Reserved
0
GPIO_EN
R/W
0
0: disable GPIO I/O Port.
1: enable GPIO I/O Port.
6.8.2 Base Address High Register
⎯ Index 60h
Bit
Name
R/W Default
Description
7-0
BASE_ADDR_HI R/W
00h
The MSB of GPIO index/data port address. The index port is
BASE_ADDR[15:2] + 5 and the data port is BASE_ADDR[15:2] + 6.
6.8.3 Base Address Low Register
⎯ Index 61h
Bit
Name
R/W Default
Description
7-0
BASE_ADDR_LO R/W
00h
The LSB of GPIO index/data port address. The index port is
BASE_ADDR[15:2] + 5 and the data port is BASE_ADDR[15:2] + 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com