Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 161 page
background image
Capture Input Mode
To select this mode bits TnAM1, TnAM0 and TnBM1, TnBM0 in the TMnC1 and TMnC2 registers
should be set to 01 respectively. This mode enables external signals to capture and store the present
value of the internal counter and can therefore be used for applications such as pulse width
measurements. The external signal is supplied on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins,
whose active edge can be either a rising edge, a falling edge or both rising and falling edges; the active
edge transition type is selected using the TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits in the TMnC1
and TMnC2 registers. The counter is started when the TnON bit changes from low to high which is
initiated using the application program.
When the required edge transition appears on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins the
present value in the counter will be latched into the CCRA and CCRB registers and a TM interrupt
generated. Irrespective of what events occur on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins the
counter will continue to free run until the TnON bit changes from high to low. When a CCRP compare
match occurs the counter will reset back to zero; in this way the CCRP value can be used to control the
maximum counter value. When a CCRP compare match occurs from Comparator P, a TM interrupt
will also be generated. Counting the number of overflow interrupt signals from the CCRP can be a
useful method in measuring long pulse widths. The TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits can
select the active trigger edge on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins to be a rising edge,
falling edge or both edge types. If the TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits are both set high,
then no capture operation will take place irrespective of what happens on the TPnA and TPnB_0,
TPnB_1, TPnB_2 pins, however it must be noted that the counter will continue to run.
Rev. 1.10
105
February 9, 2011
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Counter Value
YY
CCRP
TnON
TnPAU
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
CCRA
Value
Time
Counter cleared
by CCRP
Pause
Resume
Counter
Reset
TnAM [1:0] = 01
TM capture
pin TPnA
XX
Counter
Stop
TnAIO [1:0]
Value
XX
YY
XX
YY
Active
edge
Active
edge
Active edge
00
Rising edge
01
Falling edge
10
Both edges
11
Disable Capture
ETM CCRA Capture Input Mode
Note:
1. TnAM [1:0] = 01 and active edge set by the TnAIO [1:0] bits
2. The TM Capture input pin active edge transfers he counter value to CCRA
3. TnCCLR bit not used
4. No output function -- TnAOC and TnAPOL bits not used
5. CCRP determines the counter value and the counter has a maximum count value when CCRP is equal
to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com