Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 161 page
background image
INTC0Register
- HT68F13
Bit
7
6
5
4
3
2
1
0
Name
¾
T1PF
INT1F
INT0F
T1PE
INT1E
INT0E
EMI
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0
0
0
0
0
0
0
Bit7
unimplemented,readas
²0²
Bit6
T1PF:TM1 Comparator P matchinterruptrequestflag
0:norequest
1:interruptrequest
Bit5
INT1F:INT1interruptrequestflag
0:norequest
1:interruptrequest
Bit4
INT0F:INT0interruptrequestflag
0:norequest
1:interruptrequest
Bit3
T1PE:TM1 Comparator P matchinterruptcontrol
0:disable
1:enable
Bit2
INT1E:INT1interruptcontrol
0:disable
1:enable
Bit1
INT0E:INT0interruptcontrol
0:disable
1:enable
Bit0
EMI:Globalinterruptcontrol
0:disable
1:enable
INTC0Register
- HT68F14/HT68F15
Bit
7
6
5
4
3
2
1
0
Name
¾
MF0F
INT1F
INT0F
MF0E
INT1E
INT0E
EMI
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0
0
0
0
0
0
0
Bit7
unimplemented,readas
²0²
Bit6
MF0F:Multi-function0Interruptrequestflag
0:norequest
1:interruptrequest
Bit5
INT1F:INT1interruptrequestflag
0:norequest
1:interruptrequest
Bit4
INT0F:INT0interruptrequestflag
0:norequest
1:interruptrequest
Bit3
MF0E:Multi-function0Interruptcontrol
0:disable
1:enable
Bit2
INT1E:INT1interruptcontrol
0:disable
1:enable
Bit1
INT0E:INT0interruptcontrol
0:disable
1:enable
Bit0
EMI:Globalinterruptcontrol
0:disable
1:enable
Rev.1.10
109
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com