Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53AEC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # IMX53AEC
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  IMX53AEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 178 page
background image
Introduction
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
3
1.1
Ordering Information
Table 1 provides ordering information.
1.2
Features
The i.MX53xA multimedia applications processor (AP) is based on the ARM Platform, which has the
following features:
•
MMU, L1 instruction and L1 data cache
•
Unified L2 cache
•
Target frequency of the core (including Neon, VFPv3 and L1 cache): 800 MHz
•
Neon coprocessor (SIMD media processing architecture) and vector floating point (VFP-Lite)
coprocessor supporting VFPv3
•
TrustZone
The memory system consists of the following components:
•
Level 1 cache:
— Instruction (32 Kbyte)
— Data (32 Kbyte)
•
Level 2 cache:
— Unified instruction and data (256 Kbyte)
•
Level 2 (internal) memory:
— Boot ROM, including HAB (64 Kbyte)
— Internal multimedia/shared, fast access RAM (128 Kbyte)
— Secure/non-secure RAM (16 Kbyte)
•
External memory interfaces:
— 16/32-bit DDR2-800, LV-DDR2-800 or DDR3-800 up to 2 Gbyte
— 32-bit LPDDR2
— 8/16-bit NAND SLC/MLC Flash, up to 66 MHz, 4/8/14/16-bit ECC
— 8/16-bit NOR Flash, PSRAM, and cellular RAM.
Table 1. Ordering Information
Part Number1
1 Part numbers with a PC prefix indicate non production engineering parts.
Mask Set
Features
Notes
Package2
2 Case TEPBGA-2 is RoHS compliant, lead-free MSL (moisture sensitivity level) 3.
MCIMX536AVV8C
N78C
800 MHz, full feature set
—
19 x 19 mm, 0.8 mm pitch BGA
Case TEPBGA-2
PCIMX536AVV8C
N78C
800 MHz, full feature set
—
19 x 19 mm, 0.8 mm pitch BGA
Case TEPBGA-2
MCIMX534AVV8C
N78C
800 MHz, no hardware video
codecs
—
19 x 19 mm, 0.8 mm pitch BGA
Case TEPBGA-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com