Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53AEC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # IMX53AEC
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button IMX53AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 178 page
background image
Architectural Overview
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
7
2
Architectural Overview
The following subsections provide an architectural overview of the i.MX53xA processor system.
2.1
Block Diagram
Figure 1 shows the functional modules in the i.MX53xA processor system.
Figure 1. i.MX53xA System Block Diagram
NOTE
The numbers in brackets indicate number of module instances. For example,
PWM (2) indicates two separate PWM peripherals.
Application Processor
Smart DMA
(SDMA)
Shared Peripherals
AP Peripherals
ARM Cortex A8
ARM Cortex A8
Platform
Timers
CSPI
UART (4)
GPT
PWM (2)
EPIT (2)
GPIOx32 (7)
WDOG (2)
OWIRE
I2C(3)
IOMUXC
IIM
AUDMUX
KPP
Boot
ROM
SSI (2)
RTICv3
SCCv2
SRTC
CSU
Fuse Box
Debug
DAP
TPIU
FIRI
SAHARAv4
Lite
Security
TZIC
Image Processing
USB OTG +
3 HS Ports
CTI (2)
ECSPI
Internal
USB PHY2
USB PHY1
External
Memory I/F
RAM
144 KB
Subsystem
(IPU)
TV-Encoder
LDB
LCD
Display-1,2
Domain (AP)
Composite CVBS/ S-Video
Component RGB, YCC
(HD TV-Out / VGA)
SJC
Neon, VFPv3
L2 cache 256 KB
ETM, CTI0,1
L1 I/D cache
IrDA
XVR
WLAN
USB OTG
(dev/host)
JTAG
(IEEE1149.1)
Bluetooth
Keypad
Access.
Conn.
MMC/SD
eMMC/eSD
GPS
RF/IF
RF / IF
IC’s
Audio,
Power
Mngmnt.
SPBA
FlexCAN (2)
Digital
Audio
CAN i/f
eSDHCv2 (3)
UART
SPDIF Rx/Tx
ASRC
Video
Proc. Unit
(VPU)
3D Graphics
Proc. Unit
(GPU3D)
G-Memory
256 KB
2D Graphics
Proc. Unit
(GPU2D)
LVDS
(WSXGA+)
Battery Ctrl
Device
NOR/NAND
Flash
Ethernet
10/100
Mbps
FEC(IEEE1588)
MLB
Camera
(2)
64 KB
Clock and Reset
PLL (4)
CCM
GPC
SRC
XTALOSC (2)
CAMP (2)
Temperature
Sensor
eSDHCv3
Camera
(2)
(EXTMC)
LCD
Display (2)
SSI
ECSPI
ESAI
P-ATA
SATA
+ Temp Mon
SATA /
P-ATA
HDD
DDR2/DDR3/
LPDDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com