Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53AEC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX53AEC
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX53AEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: IMX53AEC
Rev. 2, 5/2011
MCIMX53xA
Package Information
Plastic Package
Case TEPBGA-2 19 x 19 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 3
© 2011 Freescale Semiconductor, Inc. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
1
Introduction
The MCIMX53xA (i.MX53xA) automotive
infotainment processor is Freescale Semiconductor’s
latest addition to a growing family of
multimedia-focused products offering high performance
processing with a high degree of functional integration
aimed at the growing automotive infotainment,
telematics, HMI, and display-based cluster markets. This
device includes 3D and 2D graphics processors, 1080i/p
video processing, and dual display, and provides a
variety of interfaces.
The i.MX53xA processor features Freescale’s advanced
implementation of the ARM™ core, which operates at
clock speeds as high as 800 MHz and interfaces with
DDR2/LVDDR2-800, LPDDR2-800, or DDR3-800
DRAM memories. This device is well suited for
graphics rendering for HMI, navigation, high
performance speech processing with large databases,
video processing and display, audio playback, and many
other applications.
The flexibility of the i.MX53xA architecture allows for
its use in a wide variety of applications. As the heart of
i.MX53xA Automotive and
Infotainment Applications
Processors
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 3
1.2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.1.
Special Signal Considerations . . . . . . . . . . . . . . . 17
4.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 17
4.1.
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . 17
4.2.
Power Supplies Requirements and Restrictions . 24
4.3.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 27
4.4.
Output Buffer Impedance Characteristics . . . . . . 34
4.5.
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 38
4.6.
System Modules Timing . . . . . . . . . . . . . . . . . . . . 45
4.7.
External Peripheral Interfaces Parameters . . . . . . 67
4.8.
XTAL Electrical Specifications . . . . . . . . . . . . . . 148
5.
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . 149
5.1.
Boot Mode Configuration Pins . . . . . . . . . . . . . . 149
5.2.
Boot Devices Interfaces Allocation . . . . . . . . . . . 150
5.3.
Power setup during Boot . . . . . . . . . . . . . . . . . . 151
6.
Package Information and Contact Assignments . . . . . 152
6.1.
19x19 mm Package Information . . . . . . . . . . . . . 152
6.2.
19 x 19 mm, 0.8 Pitch Ball Map . . . . . . . . . . . . . 171
7.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175


Similar Part No. - IMX53AEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
More results

Similar Description - IMX53AEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX51A FREESCALE-IMX51A Datasheet
1Mb / 160P
i.MX51A Automotive and Infotainment Applications Processors
IMX51A FREESCALE-IMX51A_10 Datasheet
2Mb / 172P
i.MX51A Automotive and Infotainment Applications Processors
MCIMX53XA FREESCALE-MCIMX53XA Datasheet
1Mb / 180P
i.MX53xA Automotive and Infotainment Applications Processors
IMX51AEC FREESCALE-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and infotainment applications processors
logo
NXP Semiconductors
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
IMX51AEC NXP-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and Infotainment Applications Processors
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com