Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53AEC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # IMX53AEC
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  IMX53AEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
2
Freescale Semiconductor
Introduction
the application chipset, the i.MX53xA processor provides all the interfaces for connecting peripherals,
such as WLAN, Bluetooth™, GPS, hard drive, camera sensors, and dual displays.
Features of the i.MX53xA processor include the following:
•
Multilevel memory system—The multilevel memory system of the i.MX53xA is based on the L1
instruction and data caches, L2 cache, internal and external memory. The i.MX53xA supports
many types of external memory devices, including DDR2, low voltage DDR2, LPDDR2, DDR3,
NOR Flash, PSRAM, cellular RAM, NAND Flash (MLC and SLC), OneNAND™, and managed
NAND including eMMC up to rev 4.4.
•
Smart speed technology—The i.MX53xA device has power management throughout the IC that
enables the rich suite of multimedia features and peripherals to consume minimum power in both
active and various low power modes. Smart speed technology enables the designer to deliver a
feature-rich product requiring levels of power far lower than industry expectations.
•
Multimedia powerhouse—The multimedia performance of the i.MX53xA processor ARM core is
boosted by a multilevel cache system, Neon (including advanced SIMD, 32-bit single-precision
floating point support) and vector floating point coprocessors. The system is further enhanced by
a multistandard hardware video codec, autonomous image processing unit (IPU), and a
programmable smart DMA (SDMA) controller.
•
Powerful graphics acceleration— The i.MX53xA processors provide two independent, integrated
graphics processing units: an OpenGL® ES 2.0 3D graphics accelerator (33 Mtri/s, 200 Mpix/s,
and 800 Mpix/s z-plane performance) and an OpenVG™ 1.1 2D graphics accelerator
(200 Mpix/s).
•
Interface flexibility—The i.MX53xA processor supports connection to a variety of interfaces,
including LCD controller for two displays and CMOS sensor interface, high-speed USB on-the-go
with PHY, plus three high-speed USB hosts, multiple expansion card ports (high-speed
MMC/SDIO host and others), 10/100 Ethernet controller, and a variety of other popular interfaces
(PATA, UART, I2C, and I2S serial audio, among others).
•
Automotive environment support—Includes interfaces such as two CAN ports, an MLB port, an
ESAI audio interface, and an asynchronous sample rate converter for multichannel/multisource
audio.
•
Advanced security—The i.MX53xA processors deliver hardware-enabled security features that
enable secure e-commerce, digital rights management (DRM), information encryption, secure
boot, and secure software downloads. For detailed information about the i.MX53xA security
features contact a Freescale representative.
The i.MX53xA application processor is a follow-on to the i.MX51xA, with improved performance, power
efficiency, and multimedia capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com