Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4247 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4247 Datasheet HTML 1Page - Infineon Technologies AG TLE4247 Datasheet HTML 2Page - Infineon Technologies AG TLE4247 Datasheet HTML 3Page - Infineon Technologies AG TLE4247 Datasheet HTML 4Page - Infineon Technologies AG TLE4247 Datasheet HTML 5Page - Infineon Technologies AG TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PG-DSO-8 (exposed pad)
Type
Package
Marking
TLE4247 EL40
PG-DSO-8 (exposed pad)
4247-40
Datasheet
3
Rev. 1.01, 2010-05-04
Constant Current Relay Driver
TLE4247
1Overview
Features
•
Reduces relay hold current to min. 40 mA
•
Functional at low battery voltage.
•
Active freewheeling path using relay integrated freewheeling resistor.
•
Over temperature protection
•
Green Product (RoHScompliant)
•
AEC-Q100 qualified
Description
The TLE4247 is intended to drive relays with a constant current in order to reduce the coil current during relay hold
phase. For relay activation, the IC pass element works as an activated switch for a limited period of time. After the
activation time period has elapsed, the IC reduces the relay coil current to a lower constant value. Different
operation modes allow adequate functionality also at very low or very high battery voltage.
The IC is suited to operate with relay coil inductance, freewheeling resistor, operating voltage and environment
conditions as required in automotive applications. For details see operation range and electrical characteristics
tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com