Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4247 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4247 Datasheet HTML 3Page - Infineon Technologies AG TLE4247 Datasheet HTML 4Page - Infineon Technologies AG TLE4247 Datasheet HTML 5Page - Infineon Technologies AG TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG TLE4247 Datasheet HTML 10Page - Infineon Technologies AG TLE4247 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Datasheet
7
Rev. 1.01, 2010-05-04
TLE4247
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance1)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.10
Supply Voltage
V
S
330
V
–
4.2.11
Input Capacitance
C
S
70
–
nF
typ. 100nF/50V
recommended for
compensating line
influences
4.2.12
Delay Capacitance
C
D
250
–
nF
typ. 470nF/6.3V
recommended
4.2.13
Junction Temperature
T
j
-40
150
°C–
4.2.14
Relay Coil Inductance
L
R
–1000
mH
–
4.2.15
Relay Coil Series Resistance
R
L
60
120
Ω
–
4.2.16
Relay Freewheeling Resistor
R
F
420
750
Ω
–
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
PG-DSO-8 (exposed pad):
4.3.1
Junction to Case Bottom
R
thJC
–10
–
K/W
–
4.3.2
Junction to Ambient
R
thJA
–70
–
K/W
1)
1) EIA/JESD 52_2, FR4, 80
× 80 × 1.5 mm; 35µ Cu, 5µ Sn; 300 mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com