Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4247 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG TLE4247 Datasheet HTML 10Page - Infineon Technologies AG TLE4247 Datasheet HTML 11Page - Infineon Technologies AG TLE4247 Datasheet HTML 12Page - Infineon Technologies AG TLE4247 Datasheet HTML 13Page - Infineon Technologies AG TLE4247 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TLE4247
Package Outlines
Datasheet
12
Rev. 1.01, 2010-05-04
6
Package Outlines
Figure 6
PG-DSO-8 (exposed pad) Outline and recommended footprint for reflow soldering
Green Product
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
PG-DSO-8-27-FP V01
5.69
1.31
2.65
PG-DSO-8-27-PO V01
14
85
8
14
5
8x
0.41±0.09
2)
M
0.2
D
C A-B
1.27
C
0.08
Seating Plane
C
A
B
4.9±0.1
1)
A-B
C
0.1
2x
3) JEDEC reference MS-012 variation BA
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Dambar protrusion shall be maximum 0.1 mm total in excess of lead width
Bottom View
±0.2
3
0.2
±0.2
D
6
M
D 8x
0.64 ±0.25
3.9±0.1
1)
0.1
0.35 x 45˚
CD 2x
Index Marking
For further information on Infineon packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com