Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4247 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG TLE4247 Datasheet HTML 10Page - Infineon Technologies AG TLE4247 Datasheet HTML 11Page - Infineon Technologies AG TLE4247 Datasheet HTML 12Page - Infineon Technologies AG TLE4247 Datasheet HTML 13Page - Infineon Technologies AG TLE4247 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Datasheet
11
Rev. 1.01, 2010-05-04
TLE4247
Operation Modes
High Voltage Mode,
V
S ≥ VS,GoHVM,, unless otherwise specified
5.2.15
Go to High Voltage Mode
Upper Threshold
V
S,GoHVM,hi 19
–
21
V
V
S increasing
5.2.16
Go to High Voltage Mode
Lower Threshold
V
S,GoHVM,lo 18
–
20
V
V
S decreasing
5.2.17
Go to High Voltage Mode
Hysteresis
V
S,GoHVM,hy 0.7
1
–
V
Calculated value:
V
S,GoHVM,hy =
V
S,GoHVM,hi - VS,GoHVM,lo
5.2.18
Dropout Voltage
High Voltage Mode
V
DR,HVM
–1.1
1.6
V
I
IN = 400 mA; VS = 28V
5.2.19
Current Consumption
High Voltage Mode
I
S,HVM
–11.8
mA
I
IN = 400 mA; VS = 28V
1) Specified by design, not subject to production test.
T
j = -40 °C to +150 °C,
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com