Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4247 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4247 Datasheet HTML 4Page - Infineon Technologies AG TLE4247 Datasheet HTML 5Page - Infineon Technologies AG TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG TLE4247 Datasheet HTML 10Page - Infineon Technologies AG TLE4247 Datasheet HTML 11Page - Infineon Technologies AG TLE4247 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE4247
Operation Modes
Datasheet
8
Rev. 1.01, 2010-05-04
5
Operation Modes
5.1
Description
The TLE4247 provides two different operation modes: For relay activation, the IC pass element works as an
activated switch with lowest dropout voltage
V
DR (see Figure 3 a). After the activation time period tActv has elapsed,
the IC switches to hold mode regulating the relay coil current to constant values (see Figure 3 b).
During commutation, the relay coil current flows from the IC input “IN” to “S” into the relay freewheeling resistor.
A zener structure prevents the IC from overvoltage by limiting the input voltage transient to
V
Z.
The relay activation time period
t
Actv is generated by charging the external capacitor CD at pin D with a constant
current. This time period starts once the IC supply voltage exceeds
V
S,Start. In case the IC supply voltage VS falls
below the threshold
V
S,Hold-Actv, the IC changes to active mode allowing maximum relay current flow at low vehicle
battery voltage.
At low supply voltage, the IC switches to “Low Voltage Mode” with lowest current consumption. As in activation
mode, the IC is working as a switch with lowest dropout voltage.
In order to prevent the IC from excessive power dissipation at high supply voltage, the IC is working as a switch
(High Voltage Mode). A transition to Hold Mode during this mode is not possible.
An overtemperature protection circuit prevents the IC from immediate destruction under fault conditions by
reducing the output current. A thermal balance below 200 °C junction temperature will be established. Please note
that a junction temperature above 150 °C is outside the maximum ratings and reduces the IC lifetime.
Figure 3
Operation as switch or current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com