Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 22Page - Infineon Technologies AG TLE7233G Datasheet HTML 23Page - Infineon Technologies AG TLE7233G Datasheet HTML 24Page - Infineon Technologies AG TLE7233G Datasheet HTML 25Page - Infineon Technologies AG TLE7233G Datasheet HTML 26Page - Infineon Technologies AG TLE7233G Datasheet HTML 27Page - Infineon Technologies AG TLE7233G Datasheet HTML 28Page - Infineon Technologies AG TLE7233G Datasheet HTML 29Page - Infineon Technologies AG TLE7233G Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Serial Peripheral Interface (SPI)
Datasheet
26
Rev. 1.0, 2008-02-28
9.4
Timing Diagrams
Figure 14
Timing Diagram
SO
Reset Value: 100H
CS1)
765
43
21
0
TER
OL3
D3
OL2
D2
OL1
D1
OL0
D0
1) This bit is valid between CS hi -> lo and first SCLK lo -> hi transition.
Field
Bits
Type Description
TER
CS
R
Transmission Error
0
Previous transmission was successful (modulo 8 clocks received).
1
Previous transmission failed or first transmission after reset.
OLn
(n = 3-0)
7, 5, 3,
1
R
Open Load Flag of channel n
0
Normal operation.
1
Open load has occurred in OFF state.
Dn
(n = 3-0)
6, 4, 2,
0
R
Diagnosis Flag of channel n
0
Normal operation.
1
Over load or over temperature switch off has occurred in ON state
.
CS
SCLK
SI
t
CS (lead)
t
CS (td)
t
CS (lag)
t
SCLK (H)
t
SCLK (L)
t
SCLK (P )
t
SI(s u)
t
SI(h)
SO
t
SO(v )
t
SO(en)
t
SO(dis )
0.7V
dd
0.2V
dd
SPI Timing.emf
0.7V
dd
0.2V
dd
0.7V
dd
0.2V
dd
0.7V
dd
0.2V
dd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com