Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 13Page - Infineon Technologies AG TLE7233G Datasheet HTML 14Page - Infineon Technologies AG TLE7233G Datasheet HTML 15Page - Infineon Technologies AG TLE7233G Datasheet HTML 16Page - Infineon Technologies AG TLE7233G Datasheet HTML 17Page - Infineon Technologies AG TLE7233G Datasheet HTML 18Page - Infineon Technologies AG TLE7233G Datasheet HTML 19Page - Infineon Technologies AG TLE7233G Datasheet HTML 20Page - Infineon Technologies AG TLE7233G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Datasheet
17
Rev. 1.0, 2008-02-28
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Power Stages
6.4.13
Output leakage current
(per channel)
ID(OFF)
––
1
2
5
µA
V
DS = 13.5 V
T
j = 25 °C
1)
T
j = 85 °C
1)
T
j = 150 °C
6.4.14
Output clamping voltage
VDS(CL)
41
52
V
3)
Input Pin Characteristics
6.4.15
L level of pin
IN & LHI
VIN(L)
0–
0.9
V
6.4.16
H level of pin
IN & LHI
VIN(H)
2.2
5.5
V
6.4.17
L-input pull-down current through
pin
IIN(L)
312
80
µA
V
DD = 5 V
1)
V
IN = 0.6 V
6.4.18
H-input pull-down current through
pin
IIN(H)
10
40
80
µA
V
DD = 5 V
VIN = 5 V
6.4.19
L level of pin RST
VRST(L)
0
0.2*
V
DD
6.4.20
H level of pin RST
VRST(H)
0.4*
V
DD
V
DD
6.4.21
L-input pull-down current through
pin RST
IRST(L)
312
80
µA
V
DD = 5 V
1)
V
RST = 0.6 V
6.4.22
H-input pull-down current through
pin RST
IRST(H)
10
40
80
µA
V
DD = 5 V
V
RST = 5 V
Timings
6.4.23
Sleep wake-up time
t
wu(sleep)
––
200
µs–
6.4.24
Reset duration
t
RST(L)
1–
µs–
6.4.25
Turn-on time
VDS = 20% Vbat
t
ON
––
60
µs
Vbb = 13.5 V
IDS = 250 mA,
resistive load
6.4.26
Turn-off time
VDS = 80% Vbb
tOFF
––
60
µs
Vbb = 13.5 V
IDS = 250 mA,
resistive load
1) Not subject to production test, specified by design
2)
calculated value based on following parameters:
all channels on with equal load current, R
DS(ON) = RDS(ON,150°C) , Ta = 85 °C, Tj,max = 150 °C, Rth = RthJA(typ)
3) maximum value is increasing in sleep mode
V
DD = 3.0 V to VDDA, VDDA = 4.5V to 5.5V, Tj = -40 °C to +150 °C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
typical values:
V
DD = 5.0 V, VDDA = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com