Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 24Page - Infineon Technologies AG TLE7233G Datasheet HTML 25Page - Infineon Technologies AG TLE7233G Datasheet HTML 26Page - Infineon Technologies AG TLE7233G Datasheet HTML 27Page - Infineon Technologies AG TLE7233G Datasheet HTML 28Page - Infineon Technologies AG TLE7233G Datasheet HTML 29Page - Infineon Technologies AG TLE7233G Datasheet HTML 30Page - Infineon Technologies AG TLE7233G Datasheet HTML 31Page - Infineon Technologies AG TLE7233G Datasheet HTML 32Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Datasheet
29
Rev. 1.0, 2008-02-28
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Application Information
10
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 15 shows a simplified application circuit.
V
DDA and VDD need to be reverse protected. Also the Resistors in
the digital pins are for reverse polarity protection.
Figure 15
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
C1,C2,C3 are recommended to be 4.7nF and all Resistors can be 1kOhm.
For further information you may contact http://www.infineon.com/
Application_GS.emf
SO
SCLK
SI
CS
GND
OUT0
OUT1
OUT2
OUT3
LHI
VDD
RST
VDDA
IN1
IN3
IN2
IN0
Vbb
Vdda
SPI uC
Discrete
Limp
home
or PWM
signal
circuit
Watch
dog
Vdd
C1
C2
C3
R10
R2
R3
R5
R6
R7
R8
R4
R1
R9
Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com