Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 14Page - Infineon Technologies AG TLE7233G Datasheet HTML 15Page - Infineon Technologies AG TLE7233G Datasheet HTML 16Page - Infineon Technologies AG TLE7233G Datasheet HTML 17Page - Infineon Technologies AG TLE7233G Datasheet HTML 18Page - Infineon Technologies AG TLE7233G Datasheet HTML 19Page - Infineon Technologies AG TLE7233G Datasheet HTML 20Page - Infineon Technologies AG TLE7233G Datasheet HTML 21Page - Infineon Technologies AG TLE7233G Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Protection Functions
Datasheet
18
Rev. 1.0, 2008-02-28
7
Protection Functions
Note: The device provides embedded protective functions. Integrated protection functions are designed to prevent
IC destruction under fault conditions described in this datasheet. Fault conditions are considered as
“outside” normal operating range. Protection functions are not designed for continuous repetitive operation.
7.1
Over Load Protection
The TLE7233G is protected against over load or short circuit of the load. After time
t
OFF(OVL), the over loaded
channel n switches off and therefore the corresponding diagnostics flag Dn is set. The channel can be switched
on after clearing the diagnostics flag. Please refer to Figure 8 for details.
Figure 8
Shut Down at Over Load
7.2
Over Temperature Protection
A temperature sensor for each channel causes an overheated channel n to switch off to prevent destruction. Then
the according diagnostics flag Dn is set. The channel can be switched on after clearing the diagnosis flag. Please
refer to Section 8 for information on diagnostics features.
7.3
Reverse Polarity Protection
In case of reverse polarity, the intrinsic body diode of the power transistor causes increased power dissipation. The reverse
current through the intrinsic body diode of the power transistor has to be limited by the connected load. The
V
DD and VDDA
supply pins must be externally protected against reverse polarity. The over temperature and over load protection are not active
during reverse polarity.
IN
ID0
t
t
OverLoad.emf
tOFF(OVL)
IN0 = 01
b
ID0(OVL)
IN0 = 00
b
D0 = 1
b
D0 = 0
b
IN0 = 01
b
D0 = 0
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com