Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7233G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 6Page - Infineon Technologies AG TLE7233G Datasheet HTML 7Page - Infineon Technologies AG TLE7233G Datasheet HTML 8Page - Infineon Technologies AG TLE7233G Datasheet HTML 9Page - Infineon Technologies AG TLE7233G Datasheet HTML 10Page - Infineon Technologies AG TLE7233G Datasheet HTML 11Page - Infineon Technologies AG TLE7233G Datasheet HTML 12Page - Infineon Technologies AG TLE7233G Datasheet HTML 13Page - Infineon Technologies AG TLE7233G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
General Product Characteristics
Datasheet
10
Rev. 1.0, 2008-02-28
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
4) ESD susceptibility, HBM according to EIA/JESD 22-A114B
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Digital supply voltage
V
DD
3. 0
5.5
V
4.2.2
Analog supply voltage
V
DDA
4.5
5.5
V
4.2.3
Digital supply current all channels
ON
IDD(ON)
–0.5
mA
4.2.4
Analog supply current all channels
ON
IDDA(ON)
–5
mA
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.5
Junction to Soldering Point
R
thJSP
29
K/W
pin 2,6, 11, 191)
1) Specified
R
thJSP value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient temperature).
T
a = 25 °C. LS0 to LS3 are dissipating 1 W power (0.25 W each).
4.3.6
Junction to Ambient
R
thJA
–47
K/W
1)2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package PG-SSOP-24) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
µm Cu,
2 x 35
µm Cu). Ta = 25 °C, LS1 to LS3 are dissipating 1 W power (0.25 W each).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com