Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2129A_10 Datasheet HTML 16Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 17Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 18Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 19Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 20Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 21Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 22Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 23Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
20 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.6 Oscillator stop detection function
The PCF2129A has an on-chip oscillator detection circuit which monitors the status of the
oscillation: whenever the oscillation stops, a reset occurs and the oscillator stop flag OSF
(in register Seconds) is set logic 1.
Power-on:
a. The oscillator is not running, the chip is in reset (OSF is logic 1).
b. When the oscillator starts running and is stable after power-on, the chip exits from
reset.
c. The flag OSF is still logic 1 and can be cleared (OSF set logic 0) via the interface.
Power supply failure:
a. When the power supply of the chip (VDD or VBAT) drops below a certain value
(Vlow), typically 1.2 V, the oscillator stops running and a reset occurs.
b. When the power supply returns to normal operation, the oscillator starts running
again, the chip exits from reset.
c. The flag OSF is still logic 1 and can be cleared (OSF set logic 0) via the interface.
(1) Theoretical state of the signals since there is no power.
(2) The oscillator stop flag (OSF), set logic 1, indicates that the oscillation has stopped and a reset has
occurred since the flag was last cleared (OSF set logic 0). In this case the integrity of the clock
information is not guaranteed. The OSF flag is cleared using the interface.
Fig 9.
Power failure event due to battery discharge: reset occurs
001aaj409
internal power supply
(1)
Vth(sw)bat
(= 2.5 V)
VSS
VBAT
Vlow
(= 1.2 V)
VDD
VBBS
VBBS
VBBS
VBBS
VDD
VBAT
VSS
(2)
OSF
battery discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com