Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2129A_10 Datasheet HTML 2Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 3Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 4Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 5Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 6Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 7Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 8Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 9Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
6 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.1 Register overview
The PCF2129A contains 28 8-bit registers (see Table 4) with an auto-incrementing
address register: the built-in address register will increment automatically after each read
or write of a data byte up to the register 1Bh. After register 1Bh the auto-incrementing will
wrap around to address 00h (see Figure 3).
The first three registers (memory address 00h, 01h, and 02h) are used as control
registers (see Section 8.2).
The memory addresses 03h through to 09h are used as counters for the clock
function (seconds up to years). The date is automatically adjusted for months with
fewer than 31 days, including corrections for leap years. The clock can operate in
12-hour mode with an AM/PM indication or in 24-hour mode (see Section 8.8).
Addresses 0Ah through 0Eh define the alarm function. It can be selected that an
interrupt is generated when an alarm event occurs (see Section 8.9).
The register 0Fh defines the temperature measurement period and the clock out
mode. The temperature measurement can be selected from every 4 minutes (default)
down to every 30 seconds (see Table 9). CLKOUT frequencies of 32.768 kHz
(default) down to 1 Hz for use as a system clock, a microcontroller clock etc. can be
chosen (see Table 10).
Address registers 10h and 11h are used for the watchdog timer functions. The
watchdog timer has four selectable source clocks allowing for timer periods from less
than 1 ms to greater than 4 hours (see Table 32). An interrupt will be generated when
the watchdog times out.
Address registers 12h to 18h are used for the timestamp function. When the trigger
event happens, the actual time is saved in the timestamp registers (see Section 8.11).
Address register 19h is used for the correction of the crystal aging effect (see
Section 8.4.1).
Address registers 1Ah and 1Bh are for internal use only.
The registers Seconds, Minutes, Hours, Days, Months, and Years are all coded in
Binary Coded Decimal (BCD) format to simplify application use. Other registers are
either bit-wise or standard binary.
When one of the RTC registers is written or read, the content of all counters is temporarily
frozen. This prevents a faulty writing or reading of the clock and calendar during a carry
condition (see Section 8.8.8).
Fig 3.
Handling address registers
001aaj398
address register
00h
auto-increment
wrap around
01h
02h
03h
...
19h
1Ah
1Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com