Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2129A_10 Datasheet HTML 8Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 9Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 10Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 11Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 12Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 13Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 14Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 15Page - NXP Semiconductors PCF2129A_10 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
12 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.3 Register CLKOUT_ctl
8.3.1 Temperature compensated crystal oscillator
The frequency of tuning fork quartz crystal oscillators is temperature-dependent. In the
PCF2129A the frequency drift caused by temperature variation is corrected by adjusting
the load capacitance of the crystal oscillator.
The load capacitance is changed by switching between two load capacitance values using
a modulation signal with a programmable duty cycle. Every chip is calibrated in order to
produce, at the measured temperature, the correct duty cycle which compensates for the
frequency drift.
The frequency accuracy can be evaluated by measuring the frequency of the square
wave signal available at the output pin CLKOUT. However, the selection of
fCLKOUT = 32.768 kHz (default value) leads to inaccurate measurements. The most
accurate frequency measurement occurs when fCLKOUT = 1 Hz is selected (see Table 10).
8.3.1.1
Temperature measurement
The PCF2129A has a temperature sensor circuit used to perform the temperature
compensation of the frequency. The temperature is measured immediately after power-on
and then periodically with a period set by the temperature conversion rate TCR[1:0] in the
register CLKOUT_ctl.
[1]
Default value.
8.3.2 Clock output
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
COF[2:0] control bits in register CLKOUT_ctl. Frequencies of 32.768 kHz (default) down
to 1 Hz can be generated for use as a system clock, microcontroller clock, input to a
charge pump, or for calibration of the oscillator.
CLKOUT is an open-drain output and enabled at power-on. When disabled, the output is
high-impedance.
The duty cycle of the selected clock is not controlled, however, due to the nature of the
clock generation all but the 32.768 kHz frequencies will be 50 : 50.
Table 8.
CLKOUT_ctl - CLKOUT control register (address 0Fh) bit description
Bit
Symbol
Value
Description
7 to 6 TCR[1:0]
see Table 9
temperature measurement period
5 to 3 -
-
unused
2 to 0 COF[2:0]
see Table 10 CLKOUT frequency selection
Table 9.
Temperature measurement period
TCR[1:0]
Temperature measurement period
00
[1]
4min
01
2 min
10
1 min
11
30 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com