| Electronic Components Datasheet Search |
|
MSP430F167IPMR Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F167IPMR Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 77 page ![]() MSP430F15x, MSP430F16x, MSP430F161x MIXED SIGNAL MICROCONTROLLER SLAS368G − OCTOBER 2002 − REVISED MARCH 2011 56 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematics (continued) port P3, P3.2, input/output with Schmitt trigger P3.2/SOMI0 P3IN.2 Pad Logic EN D P3OUT.2 P3DIR.2 P3SEL.2 0 1 0 1 DCM_SOMI SYNC MM STE STC SO(MI)0 From USART0 (SO)MI0 To USART0 0: Input 1: Output port P3, P3.3, input/output with Schmitt-trigger P3.3/UCLK0/SCL P3IN.3 Pad Logic EN D P3OUT.3 P3DIR.3 P3SEL.3 UCLK.0 0 1 0 1 DCM_UCLK SYNC MM STE STC From USART0 UCLK0 To USART0 0: Input 1: Output NOTE: UART mode: The UART clock can only be an input. If UART mode and UART function are selected, the P3.3/UCLK0 is always an input. SPI, slave mode: The clock applied to UCLK0 is used to shift data in and out. SPI, master mode: The clock to shift data in and out is supplied to connected devices on pin P3.3/UCLK0 (in slave mode). I2C, slave mode: The clock applied to SCL is used to shift data in and out. The frequency of the clock source of the module must be w 10 times the frequency of the SCL clock. I2C, master mode: To shift data in and out, the clock is supplied via the SCL terminal to all I2C slaves. The frequency of the clock source of the module must be w 10 times the frequency of the SCL clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |