Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 2Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 3Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 4Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 5Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 6Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 7Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 8Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 9Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x461x1 functional block diagram
Oscillators
FLL+
RAM
4kB
8kB
8kB
4kB
Brownout
Protection
SVS/SVM
RST/NMI
DVCC1/2
DVSS1/2
MCLK
Watchdog
WDT+
15/16−Bit
Timer_A3
3CC
Registers
8MHz
CPUX
incl. 16
Registers
XOUT/
XT2OUT
Basic Timer
&
Real−Time
Clock
JTAG
Interface
LCD_A
160
Segments
1,2,3,4 Mux
Ports P1/P2
2x8 I/O
Interrupt
capability
USCI_A0:
UART,
IrDA, SPI
USCI_B0:
SPI, I2C
Comparator
_A
Flash (F)
ROM (C)
120kB
116kB
92kB
92kB
Hardware
Multiplier
MPY,
MPYS,
MAC,
MACS
Timer_B7
7CC
Registers,
Shadow
Reg
USART1
UART, SPI
DMA
Controller
3 Channels
Ports
P3/P4
P5/P6
4x8 I/O
Ports
P7/P8
P9/P10
4x8/2x16 I/O
AVCC
AVSS
P1.x/P2.x
2x8
P3.x/P4.x
P5.x/P6.x
4x8
P7.x/P8.x
P9.x/P10.x
4x8/2x16
XIN/
XT2IN
2
2
SMCLK
ACLK
MDB
MAB
Enhanced
Emulation
(F only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com