Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 13Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 14Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 17Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 18Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 19Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 20Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt flag register 1 and 2
76
5
4
0
OFIFG
WDTIFG
32
1
rw–0
rw–1
rw–(0)
Address
02h
NMIIFG
WDTIFG:
Set on watchdog timer overflow (in watchdog mode) or security key violation
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
76
5
4
0
32
1
Address
03h
BTIFG
rw–0
UTXIFG1
URXIFG1
rw–1
rw–0
UCA0TXIFG
UCA0RXIFG
rw–0
rw–0
UCB0TXIFG
UCB0RXIFG
rw–0
rw–0
UCA0RXIFG
USCI_A0 receive-interrupt flag
UCA0TXIFG
USCI_A0 transmit-interrupt flag
UCB0RXIFG
USCI_B0 receive-interrupt flag
UCB0TXIFG
USCI_B0 transmit-interrupt flag
URXIFG0:
USART1: UART and SPI receive flag
UTXIFG0:
USART1: UART and SPI transmit flag
BTIFG:
Basic timer flag
module enable registers 1 and 2
76
5
4
0
32
1
Address
04h
76
5
4
0
UTXE1
32
1
rw–0
rw–0
Address
05h
URXE1
USPIE1
URXE1:
USART1: UART mode receive enable
UTXE1:
USART1: UART mode transmit enable
USPIE1:
USART1: SPI mode transmit and receive enable
Legend
rw:
rw-0,1:
Bit can be read and written.
Bit can be read and written. It is Reset or Set by PUC.
Bit can be read and written. It is Reset or Set by POR.
rw-(0,1):
SFR bit is not present in device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com