Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 3Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 4Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 5Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 6Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 7Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 8Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 9Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 10Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x461x Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DVCC1
1
Digital supply voltage, positive terminal
P6.3/A3
2
I/O
General-purpose digital I/O / analog input a3—12-bit ADC
P6.4/A4
3
I/O
General-purpose digital I/O / analog input a4—12-bit ADC
P6.5/A5
4
I/O
General-purpose digital I/O / analog input a5—12-bit ADC
P6.6/A6
5
I/O
General-purpose digital I/O / analog input a6—12-bit ADC
P6.7/A7/SVSIN
6
I/O
General-purpose digital I/O / analog input a7—12-bit ADC / analog input to brownout,
supply voltage supervisor
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
VeREF+
10
I/O
Input for an external reference voltage to the ADC
VREF−/VeREF−
11
I
Negative terminal for the ADC reference voltage for both sources, the internal reference
voltage, or an external applied reference voltage
P5.1/S0/A12 (see Note 1)
12
I/O
General-purpose digital I/O / LCD segment output 0 / analog input a12 − 12−bit ADC
P5.0/S1/A13 (see Note 1)
13
I/O
General-purpose digital I/O / LCD segment output 1 / analog input a13 − 12−bit ADC
P10.7/S2/A14 (see Note 1)
14
I/O
General-purpose digital I/O / LCD segment output 2 / analog input a14 − 12−bit ADC
P10.6/S3/A15 (see Note 1)
15
I/O
General-purpose digital I/O / LCD segment output 3 / analog input a15 − 12−bit ADC
P10.5/S4
16
I/O
General-purpose digital I/O / LCD segment output 4
P10.4/S5
17
I/O
General-purpose digital I/O / LCD segment output 5
P10.3/S6
18
I/O
General-purpose digital I/O / LCD segment output 6
P10.2/S7
19
I/O
General-purpose digital I/O / LCD segment output 7
P10.1/S8
20
I/O
General-purpose digital I/O / LCD segment output 8
P10.0/S9
21
I/O
General-purpose digital I/O / LCD segment output 9
P9.7/S10
22
I/O
General-purpose digital I/O / LCD segment output 10
P9.6/S11
23
I/O
General-purpose digital I/O / LCD segment output 11
P9.5/S12
24
I/O
General-purpose digital I/O / LCD segment output 12
P9.4/S13
25
I/O
General-purpose digital I/O / LCD segment output 13
P9.3/S14
26
I/O
General-purpose digital I/O / LCD segment output 14
P9.2/S15
27
I/O
General-purpose digital I/O / LCD segment output 15
P9.1/S16
28
I/O
General-purpose digital I/O / LCD segment output 16
P9.0/S17
29
I/O
General-purpose digital I/O / LCD segment output 17
P8.7/S18
30
I/O
General-purpose digital I/O / LCD segment output 18
P8.6/S19
31
I/O
General-purpose digital I/O / LCD segment output 19
P8.5/S20
32
I/O
General-purpose digital I/O / LCD segment output 20
P8.4/S21
33
I/O
General-purpose digital I/O / LCD segment output 21
P8.3/S22
34
I/O
General-purpose digital I/O / LCD segment output 22
NOTE 1: Segments S0 through S3 are disabled when the LCD charge pump feature is enabled (LCDCPEN = 1) and cannot be used together
with the LCD charge pump. In addition, when using segments S0 through S3 with an external LCD voltage supply, VLCD ≤ AVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com