Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 23Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 24Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 25Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 26Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 27Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 28Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 29Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 30Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map (continued)
PERIPHERALS WITH WORD ACCESS (CONTINUED)
ADC12
Conversion memory 15
ADC12MEM15
015Eh
See also Peripherals
Conversion memory 14
ADC12MEM14
015Ch
See also Peripherals
With Byte Access
Conversion memory 13
ADC12MEM13
015Ah
y
(MSP430x461x only)
Conversion memory 12
ADC12MEM12
0158h
Conversion memory 11
ADC12MEM11
0156h
Conversion memory 10
ADC12MEM10
0154h
Conversion memory 9
ADC12MEM9
0152h
Conversion memory 8
ADC12MEM8
0150h
Conversion memory 7
ADC12MEM7
014Eh
Conversion memory 6
ADC12MEM6
014Ch
Conversion memory 5
ADC12MEM5
014Ah
Conversion memory 4
ADC12MEM4
0148h
Conversion memory 3
ADC12MEM3
0146h
Conversion memory 2
ADC12MEM2
0144h
Conversion memory 1
ADC12MEM1
0142h
Conversion memory 0
ADC12MEM0
0140h
Interrupt-vector-word register
ADC12IV
01A8h
Inerrupt-enable register
ADC12IE
01A6h
Inerrupt-flag register
ADC12IFG
01A4h
Control register 1
ADC12CTL1
01A2h
Control register 0
ADC12CTL0
01A0h
Port PA
Port PA selection
PASEL
03Eh
Port PA direction
PADIR
03Ch
Port PA output
PAOUT
03Ah
Port PA input
PAIN
038h
Port PB
Port PB selection
PBSEL
00Eh
Port PB direction
PBDIR
00Ch
Port PB output
PBOUT
00Ah
Port PB input
PBIN
008h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com