Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 12Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 13Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 14Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 17Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 18Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 19Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers (SFRs)
The MSP430 SFRs are located in the lowest address space and are organized as byte mode registers. SFRs
should be accessed with byte instructions.
interrupt enable 1 and 2
76
5
4
0
OFIE
WDTIE
32
1
rw–0
rw–0
rw–0
Address
0h
ACCVIE
NMIIE
rw–0
WDTIE
Watchdog-timer interrupt enable. Inactive if watchdog mode is selected.
Active if watchdog timer is configured as a general-purpose timer.
OFIE
Oscillator-fault-interrupt enable
NMIIE
Nonmaskable-interrupt enable
ACCVIE
Flash access violation interrupt enable
76
5
4
0
32
1
Address
01h
rw–0
BTIE
UTXIE1
URXIE1
rw–0
rw–0
UCA0TXIE
UCA0RXIE
rw–0
rw–0
UCB0TXIE
UCB0RXIE
rw–0
rw–0
UCA0RXIE
USCI_A0 receive-interrupt enable
UCA0TXIE
USCI_A0 transmit-interrupt enable
UCB0RXIE
USCI_B0 receive-interrupt enable
UCB0TXIE
USCI_B0 transmit-interrupt enable
URXIE1
USART1 UART and SPI receive-interrupt enable
UTXIE1
USART1 UART and SPI transmit-interrupt enable
BTIE
Basic timer interrupt enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com