Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4618IPZ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4618IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4618IPZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F4618IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 17Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 18Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 19Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 20Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 21Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 22Page - Texas Instruments MSP430F4618IPZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bootstrap loader (BSL)
The MSP430 BSL enables users to program the flash memory or RAM using a UART serial interface. Access
to the MSP430 memory via the BSL is protected by user-defined password. A bootstrap loader security key is
provided at address 0FFBEh to disable the BSL completely or to disable the erasure of the flash if an invalid
password is supplied. The BSL is optional for ROM-based devices. For complete description of the features of
the BSL and its implementation, see the application report Features of the MSP430 Bootstrap Loader, literature
number SLAA089.
BSLKEY
DESCRIPTION
00000h
Erasure of flash disabled if an invalid password is supplied
0AA55h
BSL disabled
any other value
BSL enabled
BSL FUNCTION
PZ PACKAGE PINS
Data Transmit
87/A7 − P1.0
Data Receive
86/E7 − P1.1
flash memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and two segments of information memory (A and B) of
128 bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A and B can be erased individually, or as a group with segments 0 to n.
Segments A and B are also called information memory.
D New devices may have some bytes programmed in the information memory (needed for test during
manufacturing). The user should perform an erase of the information memory prior to the first use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com