Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164ASH Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH5164ASH
Description  CMOS 64K (8K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164ASH Datasheet(HTML) 1 Page - Sharp Corporation

  LH5164ASH Datasheet HTML 1Page - Sharp Corporation LH5164ASH Datasheet HTML 2Page - Sharp Corporation LH5164ASH Datasheet HTML 3Page - Sharp Corporation LH5164ASH Datasheet HTML 4Page - Sharp Corporation LH5164ASH Datasheet HTML 5Page - Sharp Corporation LH5164ASH Datasheet HTML 6Page - Sharp Corporation LH5164ASH Datasheet HTML 7Page - Sharp Corporation LH5164ASH Datasheet HTML 8Page - Sharp Corporation LH5164ASH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LH5164ASH
CMOS 64K (8K
× 8) Static RAM
FEATURES
•• 8,192 × 8 bit organization
•• Access time: 500 ns (MAX.)
•• Power consumption:
Operating:
60 mW (MAX.) @ 3 V
Standby:
3
µW (MAX.) @ 70°C @ 3 V
9
µW (MAX.) @ 85°C @ 3 V
•• Fully-static operation
•• Three-state outputs
•• Wide operating voltage range:
2.5 V to 5.5 V
•• TTL compatible I/O
•• Wide temp. range
tOPR: -40 to +85
°C
•• Packages:
28-pin, 450-mil SOP
28-pin, 8
× 13 mm2 TSOP (Type I)
DESCRIPTION
The LH 5164ASH is a static RAM organized as
8,192
× 8 bits. It is fabricated using silicon-gate CMOS
process technology.
It is designed for 2.5 to 5.5 V low voltage operation
and wide temperature range from -40 to +85
°C.
PIN CONNECTIONS
1
2
3
4
7
8
A2
A5
26
25
24
23
22
21
18
15
A7
A6
5
6
A3
A4
20
19
A12
GND
A8
A11
A10
CE1
9
10
11
28
27
WE
A1
VCC
12
17
16
A0
I/O1
A9
13
14
NC
OE
I/O2
I/O3
I/O7
I/O6
I/O5
I/O4
I/O8
CE2
5164ASH-1
TOP VIEW
28-PIN SOP
Figure 1. Pin Connections for SOP Package
2
3
4
5
6
9
10
7
8
A11
11
1
28
27
26
25
22
21
24
23
20
19
A10
28-PIN TSOP (Type I)
12
13
14
17
16
18
15
OE
A8
A9
CE2
WE
A12
NC
I/O3
I/O2
A1
I/O8
CE1
I/O6
I/O7
GND
I/O5
I/O4
I/O1
A0
5164ASH-8
VCC
A7
A6
A5
A4
A3
A2
TOP VIEW
Figure 2. Pin Connections for TSOP Package
1


Similar Part No. - LH5164ASH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
64K Static RAM
LH5164AH SHARP-LH5164AH Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AH SHARP-LH5164AH Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
More results

Similar Description - LH5164ASH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
CMOS STATIC RAM 64K (8K x 8-BIT)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
64K (8K x 8) CMOS SLOW STATIC RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com