Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164ASH Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH5164ASH
Description  CMOS 64K (8K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164ASH Datasheet(HTML) 3 Page - Sharp Corporation

  LH5164ASH Datasheet HTML 1Page - Sharp Corporation LH5164ASH Datasheet HTML 2Page - Sharp Corporation LH5164ASH Datasheet HTML 3Page - Sharp Corporation LH5164ASH Datasheet HTML 4Page - Sharp Corporation LH5164ASH Datasheet HTML 5Page - Sharp Corporation LH5164ASH Datasheet HTML 6Page - Sharp Corporation LH5164ASH Datasheet HTML 7Page - Sharp Corporation LH5164ASH Datasheet HTML 8Page - Sharp Corporation LH5164ASH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TRUTH TABLE
CE1
CE2
WE
OE
MODE
I/O1 - I/O8
SUPPLY CURRENT
NOTE
H
X
X
X
Deselect
High-Z
Standby (ISB)1
X
L
X
X
Deselect
High-Z
Standby (ISB)1
L
H
L
X
Write
DIN
Operating (ICC)1
L
H
H
L
Read
DOUT
Operating (ICC)
L
H
H
H
Output disable
High-Z
Operating (ICC)
NOTE:
1.
X = H or L
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
VCC
-0.3 to +7.0
V
1
Input voltage
VIN
-0.3 to VCC +0.3
V
1, 2
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-65 to +150
°C
NOTES:
1.
The maximum applicable voltage on any pin with respect to GND.
2.
VIN (MIN.) = -3.0 V for pulse width ≤50 ns.
RECOMMENDED OPERATING CONDITIONS (TA = -40 to +85
°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Supply voltage
VCC
2.5
3.0
5.5
V
Input voltage
(VCC = 2.5 to 4.5 V)
VIH
VCC - 0.5
VCC + 0.3
V
VIL
-0.3
0.2
V
1
Input voltage
(VCC = 4.5 to 5.5 V)
VIH
2.2
VCC + 0.3
V
VIL
-0.3
0.8
V
NOTE:
1.
VIN (MIN.) = -3.0 V for pulse width ≤50 ns.
DC CHARACTERISTICS (TA = -40 to +85°C, VCC = 2.5 to 5.5 V)
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
NOTE
Input leakage current
ILI
VIN = 0 to VCC
-1.0
1.0
µA
Output leakage
current
ILO
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = 0 to VCC
-1.0
1.0
µA
Operating supply
current
ICC
CE1 = 0.2 V, VIN = 0.2 V or
VCC - 0.2 V
CE2 = VCC - 0.2 V,
Output open
tCYCLE =
500 ns
20
mA
CE1 = 0.2 V, VIN = 0.2 V or
VCC - 0.2 V
CE2 = VCC - 0.2 V,
Output open
tCYCLE =
1.0
µs
10
CE1 = 0.2 V, VIN = 0.2 V or
VCC - 0.2 V
CE2 = VCC - 0.2 V,
Output open, VCC = 3.3 V
tCYCLE =
1.0
µs
8
Standby current
ISB
CE2 ≤ 0.2 V or
CE1 ≥ VCC - 0.2 V
TA
≤ +70°C
1.0
µA
1
TA
≤ +85°C
3.0
ISB1
CE1 = VIH or CE2 = VIL
5mA
Output Low voltage
VOL
IOL = 500
µA
0.5
V
Output High voltage
VOH
IOH = -500
µA
VCC - 0.5
V
2
NOTES:
1.
CE2 should be ≥ VCC - 0.2 V or ≤ 0.2 V when CE1 ≥ VCC - 0.2
V.
2.
VOH is 4.5 V (Min.) at VCC > 5 V.
CMOS 64K (8K
× 8) Static RAM
LH5164ASH
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com