Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164ASH Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH5164ASH
Description  CMOS 64K (8K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164ASH Datasheet(HTML) 2 Page - Sharp Corporation

  LH5164ASH Datasheet HTML 1Page - Sharp Corporation LH5164ASH Datasheet HTML 2Page - Sharp Corporation LH5164ASH Datasheet HTML 3Page - Sharp Corporation LH5164ASH Datasheet HTML 4Page - Sharp Corporation LH5164ASH Datasheet HTML 5Page - Sharp Corporation LH5164ASH Datasheet HTML 6Page - Sharp Corporation LH5164ASH Datasheet HTML 7Page - Sharp Corporation LH5164ASH Datasheet HTML 8Page - Sharp Corporation LH5164ASH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
I/O8
A8
A9
A12
25
24
2
11
15
18
5164ASH-2
MEMORY
ARRAY
(256 x 256)
13
17
12
16
A7 3
WE
A6 4
A5 5
27
A4 6
I/O
CIRCUITS
COLUMN DECODERS
VCC
GND
OE
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
22
19
COLUMN ADDRESS
BUFFERS
10
A0
A1
A2
A10
21
9
8
28
14
A3 7
CE1 20
26
CE2
DATA CONTROL
A11
23
Figure 3. LH5164ASH Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 - A12
Address inputs
CE1 - CE2
Chip Enable input
WE
Write Enable input
OE
Output Enable input
SIGNAL
PIN NAME
I/O1 - I/O8
Data inputs and outputs
VCC
Power supply
GND
Ground
NC
No connection
LH5164ASH
CMOS 64K (8K
× 8) Static RAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com