Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164ASH Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH5164ASH
Description  CMOS 64K (8K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164ASH Datasheet(HTML) 5 Page - Sharp Corporation

  LH5164ASH Datasheet HTML 1Page - Sharp Corporation LH5164ASH Datasheet HTML 2Page - Sharp Corporation LH5164ASH Datasheet HTML 3Page - Sharp Corporation LH5164ASH Datasheet HTML 4Page - Sharp Corporation LH5164ASH Datasheet HTML 5Page - Sharp Corporation LH5164ASH Datasheet HTML 6Page - Sharp Corporation LH5164ASH Datasheet HTML 7Page - Sharp Corporation LH5164ASH Datasheet HTML 8Page - Sharp Corporation LH5164ASH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DATA RETENTION CHARACTERISTICS (TA = -40 to +85°C)
2.5 V
DATA RETENTION MODE
VCC
0 V
VCC - 0.5 V
tCDR
5164ASH-6
tR
VCCDR
CE1
CE1 ≥ VCCDR - 0.2 V
0 V
VCCDR
0.2 V
2.5 V
DATA RETENTION MODE
tCDR
tR
CE2 CONTROL
CE1 CONTROL (NOTE)
CE2 0.2 V
NOTE: To control data hold at CE1, fix the input level of CE2 between VCCDR to VCCDR - 0.2 V or 0 V to 0.2 V
during the data retention.
VCC
CE2
≥
Figure 4. Low Voltage Data Retention
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
NOTE
Data retention supply voltage
VCCDR
CE2
≤ 0.2 V or
CE1 ≥ VCCDR – 0.2 V
2.0
5.5
V
1
Data retention supply current
ICCDR
VCCDR = 3 V,
CE2 ≤ 0.2 V or
CE1 ≥ VCCDR – 0.2 V
TA = 25
°C
0.2
µA
1
TA = 40
°C
0.4
µA
0.6
µA
Chip disable to data retention
tCDR
0ns
Recovery time
tR
tRC
ns
2
NOTES:
1.
CE2 should be ≥ VCCDR - 0.2 V or ≤ 0.2 V when CE1 ≥ VCCDR - 0.2 V.
2.
tRC = Read cycle time
CMOS 64K (8K
× 8) Static RAM
LH5164ASH
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com